Part Number Hot Search : 
D1004 ZZ160 5CAC1DF P3500EBL SMDA24C 1N6058 BAS70CDW HER155
Product Description
Full Text Search
 

To Download 74F67602 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 74F676 16-Bit Serial/Parallel-In, Serial-Out Shift Register
April 1988 Revised January 2002
74F676 16-Bit Serial/Parallel-In, Serial-Out Shift Register
General Description
The 74F676 contains 16 flip-flops with provision for synchronous parallel or serial entry and serial output. When the Mode (M) input is HIGH, information present on the parallel data (P0-P15) inputs is entered on the falling edge of the Clock Pulse (CP) input signal. When M is LOW, data is shifted out of the most significant bit position while information present on the Serial (SI) input shifts into the least significant bit position. A HIGH signal on the Chip Select (CS) input prevents both parallel and serial operations.
Features
s 16-bit parallel-to-serial conversion s 16-bit serial-in, serial-out s Chip select control s Slim 24 lead 300 mil package
Ordering Code:
Order Number 74F676SC 74F676PC 74F676SPC Package Number M24B N24A N24C Package Description 24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-011, 0.600" Wide 24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide
Devices also available in Tape and Reel. Specify by appending the suffix letter "X" to the ordering code.
Logic Symbols
Connection Diagram
IEEE/IEC
(c) 2002 Fairchild Semiconductor Corporation
DS009588
www.fairchildsemi.com
74F676
Unit Loading/Fan Out
Pin Names P0-P15 CS CP M SI SO Description Parallel Data Inputs Chip Select Input (Active LOW) Clock Pulse Input (Active LOW) Mode Select Input Serial Data Input Serial Output U.L. HIGH/LOW 1.0/1.0 1.0/1.0 1.0/1.0 1.0/1.0 1.0/1.0 50/33.3 Input IIH/IIL Output IOH/IOL 20 A/-0.6 mA 20 A/-0.6 mA 20 A/-0.6 mA 20 A/-0.6 mA 20 A/-0.6 mA
-1 mA/20 mA
Functional Description
The 16-bit shift register operates in one of three modes, as indicated in the Shift Register Operations Table. HOLD-- a HIGH signal on the Chip Select (CS) input prevents clocking, and data is stored in the sixteen registers. Shift/Serial Load-- data present on the SI pin shifts into the register on the falling edge of CP. Data enters the Q0 position and shifts toward Q15 on successive clocks, finally appearing on the SO pin. Parallel Load-- data present on P0-P15 are entered into the register on the falling edge of CP. The SO output represents the Q15 register output. To prevent false clocking, CP must be LOW during a LOW-to-HIGH transition of CS.
Shift Register Operations Table
Control Input Operating Mode CS H L L M X L H CP
H = HIGH Voltage Level L = LOW Voltage Level X = Immaterial = HIGH-to-LOW Transition

X
Hold Shift/Serial Load Parallel Load
Block Diagram
www.fairchildsemi.com
2
74F676
Absolute Maximum Ratings(Note 1)
Storage Temperature Ambient Temperature under Bias Junction Temperature under Bias VCC Pin Potential to Ground Pin Input Voltage (Note 2) Input Current (Note 2) Voltage Applied to Output in HIGH State (with VCC = 0V) Standard Output 3-STATE Output Current Applied to Output in LOW State (Max) twice the rated IOL (mA)
-65C to +150C -55C to +125C -55C to +150C -0.5V to +7.0V -0.5V to +7.0V -30 mA to +5.0 mA
Recommended Operating Conditions
Free Air Ambient Temperature Supply Voltage 0C to +70C
+4.5V to +5.5V
-0.5V to VCC -0.5V to +5.5V
Note 1: Absolute maximum ratings are values beyond which the device may be damaged or have its useful life impaired. Functional operation under these conditions is not implied. Note 2: Either voltage limit or current limit is sufficient to protect inputs.
DC Electrical Characteristics
Symbol VIH VIL VCD VOH VOL IIH IBVI ICEX VID IOD IIL IOS ICC Parameter Input HIGH Voltage Input LOW Voltage Input Clamp Diode Voltage Output HIGH Voltage Output LOW Voltage Input HIGH Current Input HIGH Current Breakdown Test Output HIGH Leakage Current Input Leakage Test Output Leakage Circuit Current Input LOW Current Output Short-Circuit Current Power Supply Current -60 4.75 3.75 -0.6 -150 72 10% VCC 5% VCC 10% VCC 2.5 2.7 0.5 5.0 7.0 50 Min 2.0 0.8 -1.2 Typ Max Units V V V V V A A A V A mA mA mA Min Min Min Max Max Max 0.0 0.0 Max Max Max VCC Conditions Recognized as a HIGH Signal Recognized as a LOW Signal IIN = -18 mA IOH = -1 mA IOH = -1 mA IOL = 20 mA VIN = 2.7V VIN = 7.0V VOUT = VCC IID = 1.9 A, All Other Pins Grounded VIOD = 150 mV, All Other Pins Grounded VIN = 0.5V VOUT = 0V
3
www.fairchildsemi.com
74F676
AC Electrical Characteristics
TA = +25C Symbol Parameter Min fMAX tPLH tPHL Maximum Clock Frequency Propagation Delay CP to SO 100 4.5 5.0 VCC = +5.0V CL = 50 pF Typ 110 9.0 9.0 11.0 12.5 Max TA = -55C to 125C VCC = +5.0V CL = 50 pF Min 45 4.5 5.0 17.0 14.5 Max TA = 0C to +70C VCC = +5.0V CL = 50 pF Min 90 4.5 5.0 12.0 13.5 Max MHz ns Units
AC Operating Requirements
TA = +25C Symbol Parameter VCC = +5.0V Min tS(H) tS(L) tH(H) tH(L) tS(H) tS(L) tH(H) tH(L) tS(H) tS(L) tH(H) tH(L) tS(L) tH(H) Setup Time, HIGH or LOW SI to CP Hold Time, HIGH or LOW SI to CP Setup Time, HIGH or LOW Pn to CP Hold Time, HIGH or LOW Pn to CP Setup Time, HIGH or LOW M to CP Hold Time, HIGH or LOW M to CP Setup Time, LOW CS to CP Hold Time, HIGH CS to CP tW(H) tW(L) CP Pulse Width HIGH or LOW 4.0 4.0 4.0 4.0 3.0 3.0 4.0 4.0 8.0 8.0 2.0 2.0 10.0 10.0 4.0 6.0 Max TA = -55C to 125C VCC = +5.0V Min 4.0 4.0 4.0 4.0 3.0 3.0 4.0 4.0 8.0 8.0 2.0 2.0 12.0 10.0 5.0 9.0 Max TA, VCC = ____ VCC = +5.0V Min 4.0 4.0 4.0 4.0 3.0 3.0 4.0 4.0 8.0 8.0 2.0 2.0 10.0 ns 10.0 4.0 6.0 ns ns ns Max Units
ns
www.fairchildsemi.com
4
74F676
Physical Dimensions inches (millimeters) unless otherwise noted
24-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide Package Number M24B
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-011, 0.600" Wide Package Number N24A
5
www.fairchildsemi.com
74F676 16-Bit Serial/Parallel-In, Serial-Out Shift Register
Physical Dimensions inches (millimeters) unless otherwise noted (Continued)
24-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300" Wide Package Number N24C
Fairchild does not assume any responsibility for use of any circuitry described, no circuit patent licenses are implied and Fairchild reserves the right at any time without notice to change said circuitry and specifications. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury to the user. www.fairchildsemi.com 6 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. www.fairchildsemi.com


▲Up To Search▲   

 
Price & Availability of 74F67602

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X